Part Number Hot Search : 
TD3052 RTL8208 20NB50 A1315 1N4001 PVM2WBW 20M10 78LR05D
Product Description
Full Text Search
 

To Download 2SB1568 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1568
Transistors
Power Transistor (-80V, -4A)
2SB1568
Features 1) Available in TO-220 FN package 2) Darling connection provides high dc current gain (hFE) 3) Damper diode is incorporated 4) Built in resistors between base and emitter 5) Two millimeters lower than TO-220 FP which allows higher density mounting 6) Complementary pair with 2SD2399 External dimensions (Unit : mm)
10.0 3.2
4.5 2.8
15.0
12.0
8.0 5.0
1.2
1.3
14.0
0.8 2.54
(1) (2) (3)
2.54
0.75
2.6
ROHM : TO-220FN
(1) Base (Gate) (2) Collector (Drain) (3) Emitter (Sourse)
Applications Power amplifler
Absolute maximum rating (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage
Collector current
Equivalent circuit
Limits -80 -80 -7 -4 -6 2 30 150 -55 to +150 Unit V V V A(DC) A(Pulse) W(Ta=25C) W(Tc=25C) C C
C
Symbol VCBO VCEO VEBO IC ICP PC
Tj Tstg
B
R1
R2
E
Collector dissipation
Junction temperature Storage temperature
R1 = 3k R2 = 300
: :
B : Base C : Collector E : Emitter
Electrical characteristics (unless otherwise noted, Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Collector cutoff current Symbol BVCBO BVCEO BVEBO Min. -80 -80 -7 - - 1000 - - - Typ. - - - - - 5000 -1.0 12 35 Max. - - - -100 -3 -3 10000 -1.5 - Unit V V V A mV - V MHz
pF
Conditions IC = -50A IC = -1mA IE = -5mA VCB = -80V VEB = -5V VCE= -3V, IC = -2A IC/IB= -2A/ -4mA VCE= -5V, IE = 0.5A, f=10MHz VCB= -10V, IE = 0A, f=1MHz
ICBO Emitter cutoff current IEBO DC current gain 1 Collector-emitter hFE breakdown voltage 1 Collector-emitter VCE(sat) saturation voltage fT 1 2 Transition frequency Output capacitance Cob 1 Measured using pulse current. 2 Transition frequency of the device.
Rev.A
1/3
2SB1568
Transistors
Packaging specifications
Packaging Type hFE 2SB1568 Code Basic ordering unit(pieces) 500 Bulk
1000 to 10000
Electrical characteristics
-10
VCE= -3V
-5
Tc=25C
-5
COLLECTOR CUNRRENT : IC (A)
Pc=30W -1mA -0.9mA
-0.8mA
Tc=25C
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
-4
-0.9mA -0.8mA -0.7mA
-1mA
-4 -3 -2 -1
Ta =1
25 C -25 C
-1
-3
-0.6mA -0.5mA
A -0.7m A -0.6m -0.5mA
00 C
-0.4mA
-0.1
-2
-0.4mA -0.3mA
-0.3mA
-1
-0.2mA IB=0A
-0.2mA IB=0A
-0.01 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -2.2
0
0
-1
-2
-3
-4
-5
0 0
-4
-8
-12
-16
-20
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics ( )
Fig.3 Grounded emitter output characteristics ( )
-10
COLLECTOR CURRENT : IC (A)
TRANSIENT THERMAL RESISTANCE : Rth(C/W)
Ic Max. (Pulse)
Pw=10ms 100ms DC
10000
10000 Ta=25C 5000
DC CURRENT GAIN : hFE
-5 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 nonrepetitive pulse -0.01 -0.1 -0.2 -0.5 -1 -2
Tc=25C Single
1000
2000 1000 500 200 100 50 20
VCE=-5V -3V
100
Unmounted
10 Infinite heat sink
1
-5 -10 -20
-50 -100
0.1 0.001
0.01
0.1
1
10
100
1000
10 -0.01 -0.02 -0.05 -0.1 -0.2
-0.5
-1
-2
-5
-10
COLLECTOR TO EMITTER VOLTAGE : TCE (V)
TIME : t (s)
CULLECTOR CURRENT : Ic (A)
Fig.4 Safe operating area
Fig.5 Transient thermal resistance
Fig.6 DC current gain vs. collector current ( )
Rev.A
2/3
2SB1568
Transistors
COLLECTOR SATURATION VOLTAGE : VCE(sat)(V)
10000 VCE=-3V 5000
DC CURRENT GAIN : hFE
-100 -50
DC CURRENT GAIN : hFE
Ta=25C
-100 -50 -20 -10 -5 -2 -1 -0.5 -0.2 -0.1 -0.01 -0.02 -0.05 -0.1 -0.2 -0.5 -1
Ta= -25C
IC / IB=500
2000 1000 500 200 100 50 20 10 -0.01 -0.02 -0.05 -0.1 -0.2 -0.5 -1 -2 -5 -10
Ta=100C 25C -25C
-20 -10 -5 -2 -1 -0.5 -0.2 -0.1 -0.01 -0.02 -0.05 -0.1 -0.2 -0.5 -1 -2 -5 -10
IC/IB=1000 500
100C
25C
-2
-5 -10
CULLECTOR CURRENT : Ic (A)
CULLECTOR CURRENT : Ic (A)
CULLECTOR CURRENT : Ic (A)
Fig.7 DC current gain vs. collector current ( )
Fig.8 Collector-Emitter saturation voltage vs. collector current ( )
Fig.9 Collector-Emitter saturation voltage vs. collector current ( )
COLLECTOR OUTPUT CAPACITANCE : C0b (pF)
1000
Ta=25C f=1MHz IE=0A
100
10
1 -0.1
-1
-10
-100
COLLECTOR TO BASE VOLTAGE : VcE (V)
Fig.10 Collector output capacitance vs. collector-base voltage
Rev.A
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 2SB1568

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X